Part Number Hot Search : 
E400002 5043S8 CEM6861 01203 MBRS360 IRF832R TMS320 110CA
Product Description
Full Text Search
 

To Download H11G2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
DESCRIPTION
The H11GX series are photodarlington-type optically coupled optocouplers. These devices have a gallium arsenide infrared emitting diode coupled with a silicon darlington connected phototransistor which has an integral base-emitter resistor to optimize elevated temperature characteristics.
H11G1 H11G2 H11G3
FEATURES
* High BVCEO - Minimum 100 V for H11G1 - Minimum 80 V for H11G2 - Minimum 55 V for H11G3 * High sensitivity to low input current Minimum 500 percent CTR at IF = 1 mA * Low leakage current at elevated temperature (maximum 100 A at 80C) * Underwriters Laboratory (UL) recognized File# E90700
APPLICATIONS
* * * * * CMOS logic interface Telephone ring detector Low input TTL interface Power supply isolation Replace pulse transformer
ANODE 1 6 BASE
CATHODE 2
5 COLLECTOR
N/C 3
4 EMITTER
NOTE All dimensions are in inches (millimeters)
ABSOLUTE MAXIMUM RATINGS
Parameter TOTAL DEVICE Storage Temperature Operating Temperature Lead Solder Temperature Total Device Power Dissipation @ TA = 25C Derate above 25C Input-Output Isolation Voltage EMITTER Forward Input Current Reverse Input Voltage Forward Current - Peak (1s pulse, 300pps) LED Power Dissipation @ TA = 25C Derate above 25C DETECTOR Collector-Emitter Voltage H11G1 H11G2 H11G3 Detector Power Dissipation @ TA = 25C Derate above 25C Symbol TSTG TOPR TSOL PD VISO IF VR IF(pk) PD Value -55 to +150 -55 to +100 260 for 10 sec 260 3.5 5300 60 6.0 3.0 100 1.8 Units C C C mW mW/C Vac(rms) mA V A mW mW/C
VCEO
PD
100 80 55 200 2.67
V
mW mW/C
7/21/00
200045A
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G1, H11G2, H11G3
ELECTRICAL CHARACTERISTICS
(TA = 25C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Characteristic EMITTER Forward Voltage Forward Voltage Temp. Coefficient Reverse Breakdown Voltage Junction Capacitance Reverse Leakage Current DETECTOR Breakdown Voltage Collector to Emitter Collector to Base Emitter to Base (VCE = 80 V, IF = 0) Leakage Current Collector to Emitter (VCE = 60 V, IF = 0) (VCE = 30 V, IF = 0) (VCE = 80 V, IF = 0, TA = 80C) (VCE = 60 V, IF = 0, TA = 80C) ICEO (IC = 100 A) (IC = 1.0 mA, IF = 0) BVCEO (IR = 10 A) (VF = 0 V, f = 1 MHz) (VF = 1 V, f = 1 MHz) (VR = 3.0 V) Test Conditions (IF = 10 mA) Symbol VF VF TA BVR CJ IR Device ALL ALL ALL ALL ALL ALL H11G1 H11G2 H11G3 H11G1 BVCBO BVEBO H11G2 H11G3 ALL H11G1 H11G2 H11G3 H11G1 H11G2 100 A 100 nA 100 80 55 100 80 55 7 10 V 3.0 Min Typ** 1.3 -1.8 25 50 65 0.001 10 Max 1.50 Unit V mV/C V pF pF A
TRANSFER CHARACTERISTICS
DC Characteristic EMITTER Current Transfer Ratio Collector to Emitter (IF = 1 mA, VCE = 5 V) (IF = 16 mA, IC = 50 mA) Saturation Voltage (IF = 1 mA, IC = 1 mA) (IF = 20 mA, IC = 50 mA) (IF = 10 mA, VCE = 1 V) CTR H11G1/2 H11G3 H11G1/2 VCE (SAT) H11G1/2 H11G3 5 (500) 2 (200) 0.85 0.75 0.85 1.0 1.0 1.2 V H11G1/2 100 (1000) mA (%) Test Conditions Symbol Device Min Typ** Max Unit
TRANSFER CHARACTERISTICS
Characteristic SWITCHING TIMES Turn-on Time Turn-off Time Test Conditions (RL = 100 , IF = 10 mA) 30 Hz) Symbol ton toff Device ALL ALL Min Typ** 5 100 Max Unit s
(VCE = 5 V) Pulse Width
300 s, f
** All typical values at TA = 25C
7/21/00
200045A
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G1, H11G2, H11G3
Fig. 1 Output Current vs. Input Current
10 100
Fig. 2 Normalized Output Current vs. Temperature
IC - NORMALIZED OUTPUT CURRENT
IC - NORMALIZED OUTPUT CURRENT
1 Normalized to: VCE = 5 V IF = 1 mA
10
IF = 50 mA IF = 5 mA IF = 1 mA IF = 0.5 mA
Normalized to: VCE = 5 V IF = 1 mA TA = 25C
0.1
1
0.01
0.1
0.001 0.1
1
10
0.01 -60
-40
-20
0
20
40
60
80
100
120
IF - LED INPUT CURRENT(mA)
TA - AMBIENT TEMPERATURE (C)
Fig. 3 Output Current vs. Collector - Emitter Voltage
100 1000 Normalized to: VCE = 5 V IF = 1 mA TA = 25C
Fig. 4 Collector-Emitter Dark Current vs. Ambient Temperature
IC - NORMALIZED OUTPUT CURRENT
ICEO - DARK CURRENT (nA)
IF = 50 mA IF = 10 mA IF = 2 mA
100
VCE = 80V
10
10
VCE = 30V
1
IF = 1 mA IF = 0.5 mA
VCE = 10V 1
0.1
0.1
0.01 1 10
0.01 0 10 20 30 40 50 60 70 80 90 100
VCE - COLLECTOR - EMITTER VOLTAGE (V)
TA - AMBIENT TEMPERATURE (C)
Fig. 5 Input Current vs. Total Switching Speed (Typical Values)
10
IF - FORWARD CURRENT (mA)
RL = 10
RL = 100
RL = 1k
1
Normalized to: VCC = 5 V IF = 10 mA RL = 100 0.1 0.1 1 10
ton + toff - TOTAL SWITCHING SPEED (NORMALIZED)
7/21/00
200045A
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G1, H11G2, H11G3
Package Dimensions (Through Hole)
3 2 1
PIN 1 ID.
Package Dimensions (Surface Mount)
0.350 (8.89) 0.330 (8.38)
3
0.270 (6.86) 0.240 (6.10)
2
1
PIN 1 ID.
0.270 (6.86) 0.240 (6.10)
4
SEATING PLANE
5
0.350 (8.89) 0.330 (8.38)
6
4 5 6
0.070 (1.78) 0.045 (1.14)
0.070 (1.78) 0.045 (1.14)
0.300 (7.62) TYP
0.200 (5.08) 0.135 (3.43)
0.200 (5.08) 0.165 (4.18)
0.020 (0.51) MIN 0.016 (0.40) 0.008 (0.20)
0.016 (0.41) 0.008 (0.20) 0.020 (0.51) MIN 0.100 (2.54) TYP
0.154 (3.90) 0.100 (2.54)
0.022 (0.56) 0.016 (0.41)
0.300 (7.62) TYP
0.016 (0.40) MIN 0.315 (8.00) MIN 0.405 (10.30) MAX
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15
Lead Coplanarity : 0.004 (0.10) MAX
Package Dimensions (0.4"Lead Spacing)
3 2 1
PIN 1 ID.
Recommended Pad Layout for Surface Mount Leadform
0.270 (6.86) 0.240 (6.10)
0.070 (1.78)
4
5
6
0.060 (1.52)
0.350 (8.89) 0.330 (8.38) 0.070 (1.78) 0.045 (1.14)
0.415 (10.54)
0.100 (2.54) 0.030 (0.76)
SEATING PLANE
0.295 (7.49)
0.004 (0.10) MIN
0.200 (5.08) 0.135 (3.43)
0.154 (3.90) 0.100 (2.54)
0.016 (0.40) 0.008 (0.20)
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15 0.400 (10.16) TYP
NOTE All dimensions are in inches (millimeters)
7/21/00
200045A
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G1, H11G2, H11G3
ORDERING INFORMATION
Option
S SD W 300 300W 3S 3SD
Order Entry Identifier
.S .SD .W .300 .300W .3S .3SD
Description
Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape & Reel
QT Carrier Tape Specifications ("D" Taping Orientation)
12.0 0.1 4.85 0.20 4.0 0.1 0.30 0.05 4.0 0.1 O1.55 0.05 1.75 0.10
7.5 0.1 13.2 0.2 16.0 0.3 9.55 0.20
0.1 MAX
10.30 0.20
O1.6 0.1
User Direction of Feed
NOTE All dimensions are in millimeters
7/21/00
200045A
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
(c) 2000 Fairchild Semiconductor Corporation
7/21/00
200045A


▲Up To Search▲   

 
Price & Availability of H11G2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X